Electronic Components Datasheet Search
  English  ▼

X  

OP220GS Datasheet(PDF) 2 Page - Maxwell Technologies

Part # OP220GS
Description  Dual Micropower Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP220GS Datasheet(HTML) 2 Page - Maxwell Technologies

  OP220GS Datasheet HTML 1Page - Maxwell Technologies OP220GS Datasheet HTML 2Page - Maxwell Technologies OP220GS Datasheet HTML 3Page - Maxwell Technologies OP220GS Datasheet HTML 4Page - Maxwell Technologies OP220GS Datasheet HTML 5Page - Maxwell Technologies OP220GS Datasheet HTML 6Page - Maxwell Technologies OP220GS Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OP220
2
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Dual Micropower Operational Amplifier
08.15.02 REV 3
TABLE 1. OP220 PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
Out A
Output Amplifier A
2
-IN A
Inverting Input Amplifier A
3
+ IN A
Non-Inverting Input Amplifier A
4
-V
Negative Supply Voltage
5
+ IN B
Non-Inverting Input Amplifier B
6
-IN B
Inverting Input Amplifier B
7
Out B
Output Amplifier B
8
+V
Positive Supply Voltage
TABLE 2. OP220 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
--
±18
V
Differential Input Voltage
--
30
V
Input Voltage
V
I
--
Supply
Voltage
V
Output Short-Circuit Duration
Indefinate
Power Dissipation
P
D
500
mW
Storage Temperature Range
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
SY
±10% of specified value in Table 4
TABLE 4. OP220 ELECTRICAL CHARACTERISTICS
(VS=± 2.5V TO ±15V, T
A = -55 TO +125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Supply Current
Both Amplifiers
I
SY
Vs = ±2.5 V, No Load
Vs = ±15 V, No Load
1, 2, 3
--
--
135
190
170
250
uA
Common-Mode Rejection Ratio
CMRR
Vs = ±15V
T
A = 25°C
4
90
100
dB
Power Supply Rejection Ratio
PSRR
Vs = ±2.5V TO Vs = ±15V
T
A = 25°C
1, 2, 3
--
6
18
uV/V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com