Electronic Components Datasheet Search
  English  ▼

X  

OP220GS Datasheet(PDF) 3 Page - Maxwell Technologies

Part # OP220GS
Description  Dual Micropower Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP220GS Datasheet(HTML) 3 Page - Maxwell Technologies

  OP220GS Datasheet HTML 1Page - Maxwell Technologies OP220GS Datasheet HTML 2Page - Maxwell Technologies OP220GS Datasheet HTML 3Page - Maxwell Technologies OP220GS Datasheet HTML 4Page - Maxwell Technologies OP220GS Datasheet HTML 5Page - Maxwell Technologies OP220GS Datasheet HTML 6Page - Maxwell Technologies OP220GS Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OP220
3
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Dual Micropower Operational Amplifier
08.15.02 REV 3
Input Offset Voltage
V
OS
V
S = ±15V
1, 2, 3
120
300
uV
Input Offset Voltage Drift
TCV
OS
V
S = ±15V
1, 2, 3
0.75
--
uV/°C
Input Offset Current
I
OS
V
CM = 0
1, 2, 3
---
0.5
2
nA
Input Offset Current Drift
R
S = 0Ω
1, 2, 3
---
10
--
pA/°C
Input Bias Current
I
B
V
CM = 0
1, 2, 3
---
12
20
nA
Input Common-Mode
Voltage Range
I
VR
Vs = ±15V
1, 2, 3
-15
13.2
V
Large Signal Voltage Gain
A
VO
Vs = ±15V
V
O = ±10V
R
L = 50KΩ
1, 2, 3
500
1000
V/mV
Output Voltage Swing
V
O
V
S = ±15V, RL = 50KΩ
1, 2, 3
-13.8
--
13.8
V
TABLE 4. OP220 ELECTRICAL CHARACTERISTICS
(VS=± 2.5V TO ±15V, T
A = -55 TO +125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com