Electronic Components Datasheet Search
  English  ▼

X  

5752 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5752
Description  Maxi Universal Adapter Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5752 Datasheet(HTML) 1 Page - Pomona Electronics

  5752 Datasheet HTML 1Page - Pomona Electronics 5752 Datasheet HTML 2Page - Pomona Electronics 5752 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5748 - Maxi Universal Adapter Kit
Model 5749 - Universal Adapter Cable
Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 101
D1094642, D1094540
Page 1 of 3
FEATURES:
Kit allows users to make their own adapters combinations, such as SMA to BNC or BNC to double banana
plugs. Adapter’s ends are joined with coupling nuts. Simply choose your combination. All connectors feature
gold plated center contacts and silver plated bodies.
RATINGS:
Operating Temperature:
Items 1 through 9, and 12 through 20:
-67°F to +302°F (-55°C to +150°C)
Items 10 and 11:
+122°F (+50°C)
Nominal Impedance:
Items 1 through 9, and 12 through 20:50 Ohms
Items 18 and 19: 75 Ohms
VSWR:
Items 1 through 9: 1.2:1 (DC-1GHz)
Items 12 through 15: 1.2:1 (DC-300 MHz)
Frequency Range:
Items 1 through 9: DC-1GHz
Items 12 through 15: DC-500 MHz
Items 16 through 19: DC-300 MHz
Item 20: 50MHz -3GHz
Order Example: 5748
(Maxi Universal Adapter Kit)


Similar Part No. - 5752

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
5752 KNOWLES-5752 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Aavid, Thermal Division...
575200B00000G AAVID-575200B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
575200B00000G AAVID-575200B00000G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Festo Corporation.
575232 FESTO-575232 Datasheet
177Kb / 2P
Proportional pressure control valve
575233 FESTO-575233 Datasheet
176Kb / 2P
Proportional pressure control valve
More results

Similar Description - 5752

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
23568 VICOR-23568 Datasheet
36Kb / 1P
MAXI/MINI LUGMATE CONNECTOR KIT
logo
Molex Electronics Ltd.
106154-0000 MOLEX-106154-0000 Datasheet
219Kb / 3P
Universal Optical Adapter
logo
Pomona Electronics
5677B POMONA-5677B Datasheet
125Kb / 2P
Deluxe Multi-Use DMM Maxi-Test Lead Kit
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
6340 POMONA-6340 Datasheet
49Kb / 2P
Deluxe DMM Maxi Test Lead Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
logo
Glenair, Inc.
630-031 GLENAIR-630-031 Datasheet
254Kb / 2P
Universal Environmental Adapter
logo
Molex Electronics Ltd.
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
IDT - Manual - Adapter Kit
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
IDT - Manual - Adapter Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com