Electronic Components Datasheet Search
  English  ▼

X  

5752 Datasheet(PDF) 3 Page - Pomona Electronics

Part # 5752
Description  Maxi Universal Adapter Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5752 Datasheet(HTML) 3 Page - Pomona Electronics

  5752 Datasheet HTML 1Page - Pomona Electronics 5752 Datasheet HTML 2Page - Pomona Electronics 5752 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5748 - Maxi Universal Adapter Kit
Model 5749 - Universal Adapter Cable
Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 101
D1094642, D1094540
Page 3 of 3
FEATURES:
•
Universal Adapter Cable used with
Pomona Universal Adapter Kits,
models 5698 and 5748.
MATERIALS:
Coupler Shell (each end):
Brass, Nickel
Plated
Coupler Conductor:
Phosphor Bronze, Gold
Plated
Strain Relief Boot:
PVC Black
Cable:
RG58C/U, O.D.: 0.195”
Frequency:
DC – 1.2GHz.
Impedance:
50 Ohms
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +122°F (+50°C) Max.
ORDERING INFORMATION: Model 5749-Length
Length =: 24” (60,96cm), 36” (91,44cm), 48” (121,92cm), 60” (152.40cm) & 72” (182,88cm)
Order Example: 5749-48 (Cable ONLY, 48”)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com