Electronic Components Datasheet Search
  English  ▼

X  

6481 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6481
Description  Test Connector Adapter Set
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6481 Datasheet(HTML) 1 Page - Pomona Electronics

  6481 Datasheet HTML 1Page - Pomona Electronics 6481 Datasheet HTML 2Page - Pomona Electronics 6481 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6481
Test Connector Adapter Set
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094889
Page 1 of 3
Model 6358
48" (1,2m) Retractable Sheath Modular Test Leads
Qty 2 - 1 Red, 1 Black
Retractable Sheath
FEATURES:
Model
Contact Size
Type
Current
4690
Socket
4691
22 AWG .030” (.76mm)
Pin
5 Amps
3560
Socket
3561
20 AWG .040” (1.02mm)
Pin
7.5 Amps
3562
Socket
3563
16 AWG .063” (1.60mm)
Pin
13 Amps
3564
Socket
3565
12 AWG .093” (2.36mm)
Pin
24 Amps
Voltage Rating:
Hands free testing in controlled voltage environments:
1000 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70 Vdc.
18 piece kit includes one red and one black set of
each pin & socket size along with a set of 48” (1,2m)
red and black test leads.
Test adapters are ideal for rapid testing of the hard-
to-get at contacts of multi-pin/socket connectors.
Round pins and socket adapters.
Flexible tip allows testing of adjacent contacts.
Full insulation protects against shorting or contact
damage.
Test leads feature high strand count silicone wire for
extreme flexibility and high temperature resistance.
Model 4690 also fits 0.025in (0.63mm) sq. pins.


Similar Part No. - 6481

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
648110131822 WURTH-648110131822 Datasheet
708Kb / 2P
1.50 SMT MALE HORIZONTAL SHROUDED HEADER
648111131822 WURTH-648111131822 Datasheet
708Kb / 2P
1.50 SMT MALE HORIZONTAL SHROUDED HEADER
648112131822 WURTH-648112131822 Datasheet
708Kb / 2P
1.50 SMT MALE HORIZONTAL SHROUDED HEADER
648113131822 WURTH-648113131822 Datasheet
708Kb / 2P
1.50 SMT MALE HORIZONTAL SHROUDED HEADER
64812131822 WURTH-64812131822 Datasheet
708Kb / 2P
1.50 SMT MALE HORIZONTAL SHROUDED HEADER
More results

Similar Description - 6481

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
Ramp Test Set
logo
Rosenberger Hochfrequen...
VA40-TP-W-60 ROSENBERGER-VA40-TP-W-60 Datasheet
112Kb / 2P
TEST CABLE SET
VA41-TP-2_40-60 ROSENBERGER-VA41-TP-2_40-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA41-TP-2_92-60 ROSENBERGER-VA41-TP-2_92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA41-TP-W-60 ROSENBERGER-VA41-TP-W-60 Datasheet
112Kb / 2P
TEST CABLE SET
VA50-TP-2_40-60 ROSENBERGER-VA50-TP-2_40-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA70-TP-1.85-60 ROSENBERGER-VA70-TP-1.85-60 Datasheet
105Kb / 2P
TEST CABLE SET
VA40-TP-2.92-60 ROSENBERGER-VA40-TP-2.92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA40-TP-2_92-60 ROSENBERGER-VA40-TP-2_92-60 Datasheet
93Kb / 2P
TEST CABLE SET
VA26-TP-N-60 ROSENBERGER-VA26-TP-N-60 Datasheet
60Kb / 2P
TEST CABLE SET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com