Electronic Components Datasheet Search
  English  ▼

X  

6481 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 6481
Description  Test Connector Adapter Set
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6481 Datasheet(HTML) 2 Page - Pomona Electronics

  6481 Datasheet HTML 1Page - Pomona Electronics 6481 Datasheet HTML 2Page - Pomona Electronics 6481 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6481
Test Connector Adapter Set
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094889
Page 2 of 3
MATERIALS:
RATINGS (Modes: 3560, 3562, 3564, 4690, 3561, 3563, 3565 & 4691 only)
Voltage: Hands free testing in controlled voltage environments: 2500 Vrms Max. For CE compliance: not
intended for hand-held use at voltage above 33 Vrms/70 Vdc.
Temperature: +131F (+55C) Max.
Model: 6358 Test Leads (male to male)
Multi-Stranded Wire: 18 AWG Silicone, Color: One Black, One Red
Banana Plug: Insulation: Polypropylene, Color: One Black, One RedRetractable Sheath Banana Plug:
Plug Body: Brass, Nickel Plated
Banana Spring: Beryllium Copper, Nickel Plated
Compression Spring: Stainless Steel
Tip: Nylon, Color Matches Color of Wire
Insulation: Polypropylene Molded to the Plug and Wire. Color Matches Color or Wire.
Wire: 18 AWG, Stranding 65 x 36 t.c., Silicone Insulated, .144 (3,66mm) O.D.
RATINGS (6358 only):
Conforms to IEC 1010, Cat. III, P2
Operating Voltage: 1000V
Operating Temperature: +131F (+55C) Max.
Current: 10 Amperes
ORDERING INFORMATION:
Model: 6481
Kit contains one red and one black adapter of each model; 3560, 3561, 3562, 3563, 3564, 3565, 4690, 4691 and
one set of Model 6358 test leads.
Models: 3560, 3562, 3564 & 4690
Insulation: Polyvinyl chloride (PVC)
Banana Jack Body (upper connector)
Material: Brass.
Finish: Bright Tin plated
Socket (lower connector):
Material: Copper Alloy
Finish: Gold over copper plate
Models: 3561, 3563, 3565 & 4691
Insulation: Polyvinyl chloride (PVC).
Banana Jack Body (upper connector)
Material: Brass.
Finish: Bright Tin plated
Pin (lower connector):
Material: Brass
Finish: Gold plated over electroless nickel.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com