Electronic Components Datasheet Search
  English  ▼

X  

LTC1535 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1535 Datasheet HTML 10Page - Linear Technology LTC1535 Datasheet HTML 11Page - Linear Technology LTC1535 Datasheet HTML 12Page - Linear Technology LTC1535 Datasheet HTML 13Page - Linear Technology LTC1535 Datasheet HTML 14Page - Linear Technology LTC1535 Datasheet HTML 15Page - Linear Technology LTC1535 Datasheet HTML 16Page - Linear Technology LTC1535 Datasheet HTML 17Page - Linear Technology LTC1535 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC1535
14
1535fb
APPLICATIONS INFORMATION
Figure 13. Driver Propagation Delay
with Sample Jitter. SLO = VCC2
Figure 14. Driver Propagation Delay
with Sample Jitter. SLO = 0V
Figure 15. Driver Output.
R = 27Ω, VCC2 = 5V, SLO = VCC2
Figure 16. Driver Output.
R = 27Ω, VCC2 = 5V, SLO = 0V
Figure 17. Driver Differential Output.
R = 27Ω, VCC2 = 5V, SLO = VCC2
Figure 18. Driver Differential Output.
R = 27Ω, VCC2 = 5V, SLO = 0V
DI
Y-Z
1535 F13
DI
Y-Z
1535 F14
Z
Y
1535 F15
Z
Y
1535 F16
Y-Z
1535 F17
Y-Z
1535 F18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com