Electronic Components Datasheet Search
  English  ▼

X  

LTC1535 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1535 Datasheet HTML 10Page - Linear Technology LTC1535 Datasheet HTML 11Page - Linear Technology LTC1535 Datasheet HTML 12Page - Linear Technology LTC1535 Datasheet HTML 13Page - Linear Technology LTC1535 Datasheet HTML 14Page - Linear Technology LTC1535 Datasheet HTML 15Page - Linear Technology LTC1535 Datasheet HTML 16Page - Linear Technology LTC1535 Datasheet HTML 17Page - Linear Technology LTC1535 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC1535
18
1535fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1209 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1424-5
Isolated Flyback Switching Regulator
± 5% Accurate with No Optoisolator Required
LTC1485
High Speed RS485 Transceiver
10Mbps, Pin Compatible with LTC485
LTC1531
Self-Powered Isolated Comparator
2.5V Isolated Reference, 3000VRMS Isolation
LT1785/LT1791
±60V Fault Protected RS485 Transceiver, Half/Full-Duplex
±15kV ESD Protection, Industry Standard Pinout
LTC1690
Full-Duplex RS485 Transceiver
±15kV ESD Protection, Fail-Safe Receiver
Complete, Isolated 24-Bit Data Acquisition System
+
+
FO
SCK
SDO
CS
GND
VCC
FSSET
CH1
CH0
ZSSET
LTC2402
1535 TA05
LT1761-5
GND
10μF
10V
TANT
10μF
10V
TANT
+
10μF
16V
TANT
+
10μF
10V
TANT
10μF
1μF
T1
1/2 BAT54C
1/2 BAT54C
ISOLATION
BARRIER
= LOGIC COMMON
= FLOATING COMMON
T1 = COOPER CTX02-14659
(888) 414-2645
1k
2
2
1
2
1
1
1
2
2
2
2
10μF
CERAMIC
A
B
Y
Z
RO
RE
DE
DI
VCC2
ST2
G1
VCC1
G2
ST1
“SDO”
“SCK”
LOGIC 5V
IN
OUT
SHDN
BYP
LTC1535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com