Electronic Components Datasheet Search
  English  ▼

X  

DS1977 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1977
Description  Password-Protected 32KB EEPROM iButton
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1977 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1977 Datasheet HTML 17Page - Maxim Integrated Products DS1977 Datasheet HTML 18Page - Maxim Integrated Products DS1977 Datasheet HTML 19Page - Maxim Integrated Products DS1977 Datasheet HTML 20Page - Maxim Integrated Products DS1977 Datasheet HTML 21Page - Maxim Integrated Products DS1977 Datasheet HTML 22Page - Maxim Integrated Products DS1977 Datasheet HTML 23Page - Maxim Integrated Products DS1977 Datasheet HTML 24Page - Maxim Integrated Products DS1977 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DS1977
21 of 29
Figure 11. READ/WRITE TIMING DIAGRAM (continued)
Write-Zero Time Slot
RESISTOR
MASTER
tREC
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
tF
tSLOT
tW0L
Read-Data Time Slot
RESISTOR
MASTER
DS1977
tREC
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
Master
Sampling
Window
tF
tSLOT
tRL
tMSR
SLAVE-TO-MASTER
A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTLMIN until
the read low time tRL is expired. During the tRL window, when responding with a 0, the DS1977 will start pulling the
data line low; its internal timing generator determines when this pulldown ends and the voltage starts rising again.
When responding with a 1, the DS1977 will not hold the data line low at all, and the voltage starts rising as soon as
tRL is over.
The sum of tRL +  (rise rime) on one side and the internal timing generator of the DS1977 on the other side define
the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line. For
most reliable communication, tRL should be as short as permissible and the master should read close to but no later
than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient
recovery time tREC for the DS1977 to get ready for the next time slot.
IMPROVED NETWORK BEHAVIOR
1-Wire networks can only be terminated during transients controlled by the bus master (1-Wire driver) and are
therefore susceptible to noise of various origins. Depending on the physical size and topology of the network,
reflections from end points and branch points can add up or cancel each other to some extent. Such reflections are
visible as glitches or ringing on the 1-Wire communication line. A glitch during the rising edge of a time slot can
cause a slave device to lose synchronization with the master and, as a consequence, result in a search ROM
command coming to a dead end. For better performance in network applications, the DS1977 uses a new 1-Wire
front end, which makes it less sensitive to noise and also reduces the magnitude of noise injected by the slave
device itself.
The 1-Wire front end of the DS1977 differs from traditional slave devices in four characteristics.
1) The falling edge of the presence pulse has a controlled slew rate. This provides a better match to the line
impedance than a digitally switched transistor, converting the high frequency ringing known from traditional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com