Electronic Components Datasheet Search
  English  ▼

X  

DS1977 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1977
Description  Password-Protected 32KB EEPROM iButton
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1977 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1977 Datasheet HTML 1Page - Maxim Integrated Products DS1977 Datasheet HTML 2Page - Maxim Integrated Products DS1977 Datasheet HTML 3Page - Maxim Integrated Products DS1977 Datasheet HTML 4Page - Maxim Integrated Products DS1977 Datasheet HTML 5Page - Maxim Integrated Products DS1977 Datasheet HTML 6Page - Maxim Integrated Products DS1977 Datasheet HTML 7Page - Maxim Integrated Products DS1977 Datasheet HTML 8Page - Maxim Integrated Products DS1977 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DS1977
3 of 29
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard speed, VPUP > 4.5V
(Note 1)
65
75
Standard speed (Note 1)
68
75
Presence Detect
Sample Time
tMSP
Overdrive speed (Note 1)
7.5
10.5
µs
I/O Pin, 1-Wire Write
Standard speed (Notes 1, 13)
60
120
Write-0 Low Time
tW0L
Overdrive speed (Notes 1, 13)
6
16
µs
Standard speed (Notes 1, 13)
5
15
Write-1 Low Time
tW1L
Overdrive speed (Notes 1, 13)
1
2
µs
I/O Pin, 1-Wire Read
Standard speed (Notes 1, 14)
5
15 -
Read Low Time
tRL
Overdrive speed (Notes 1, 14)
1
2 -
µs
Standard speed,
VPUP > 4.5V (Notes 1, 14)
tRL + 
20
Standard speed (Notes 1, 14)
tRL + 
15
Read Sample Time
tMSR
Overdrive speed (Notes 1, 14)
tRL + 
2
µs
I/O Pin, Strong Pullup
Strong Pullup Read
tSPUR
(Note 1)
2.64
ms
Strong Pullup Write
tSPUW
(Note 1)
22.46
ms
Strong Pullup password
verification
tSPUV
(Note 1)
0.62
ms
EEPROM
Programming Current
ILPROG
7
mA
Write/Erase Cycles
NCYCLE
100k
Data Retention
tRET
10
years
Note 1:
System requirement.
Note 2:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times. The
specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For more heavily loaded
systems, an active pullup such as that found in the DS2480B may be required.
Note 3:
Capacitance on the data pin could be 5nF when power is first applied.
Note 4:
VTL and VTH are functions of the internal supply voltage, which is a function of VPUP and the 1-Wire recovery times. The VTH and VTL
maximum specifications are valid at VPUPMAX (5.25V). In any case, VTL < VTH < VPUP.
Note 5:
Voltage below which, during a falling edge on I/O, a logic '0' is detected.
Note 6:
The voltage on I/O needs to be less or equal to VILMAX whenever the master drives the line low.
Note 7:
Voltage above which, during a rising edge on I/O, a logic '1' is detected.
Note 8:
After VTH is crossed during a rising edge on I/O, the voltage on I/O has to drop by VHY to be detected as logic '0'.
Note 9:
The I-V characteristic is linear for voltages less than 1V.
Note 10:
The earliest recognition of a negative edge is possible at tREH after VTH has been reached before.
Note 11:
Highlighted numbers are NOT in compliance with the published iButton standards. See comparison table below.
Note 12:
Interval during the negative edge on I/O at the beginning of a Presence Detect pulse between the time at which the voltage is 90%
of VPUP and the time at which the voltage is 10% of VPUP.
Note 13:
 in Figure 11 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to VTH. The actual maximum
duration for the master to pull the line low is tW1LMAX + tF -  and tW0LMAX + tF -  respectively.
Note 14:
 in Figure 11 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to the input-high threshold of
the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Standard Values
DS1977 Values
Standard Speed
Overdrive Speed
Standard Speed
Overdrive Speed
Parameter
Name
min
max
min
max
min
max
min
max
tSLOT (incl. tREC)
61µs
(undef.)
7µs
(undef.)
65µs
1)
(undef.)
8µs
1)
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
480µs
640µs
48µs
80µs
tPDH
15µs
60µs
2µs
6µs
15µs
60µs
2.5µs
6.5µs
tPDL
60µs
240µs
8µs
24µs
60µs
240µs
8µs
24µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
6µs
16µs
1) Intentional change, longer recovery time requirement due to modified 1-Wire front end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com