Electronic Components Datasheet Search
  English  ▼

X  

DS1306E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1306E
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306E Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1306E Datasheet HTML 1Page - Maxim Integrated Products DS1306E Datasheet HTML 2Page - Maxim Integrated Products DS1306E Datasheet HTML 3Page - Maxim Integrated Products DS1306E Datasheet HTML 4Page - Maxim Integrated Products DS1306E Datasheet HTML 5Page - Maxim Integrated Products DS1306E Datasheet HTML 6Page - Maxim Integrated Products DS1306E Datasheet HTML 7Page - Maxim Integrated Products DS1306E Datasheet HTML 8Page - Maxim Integrated Products DS1306E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
FEATURES
 Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Date of the Month, Month,
Day of the Week, and Year with Leap-Year
Compensation Valid Up to 2100
 96-Byte, Battery-Backed NV RAM for Data
Storage
 Two Time-of-Day Alarms, Programmable on
Combination of Seconds, Minutes, Hours,
and Day of the Week
 1Hz and 32.768kHz Clock Outputs
 Supports Motorola SPI™ (Serial Peripheral
Interface) Modes 1 and 3 or Standard 3-Wire
Interface
 Burst Mode for Reading/Writing Successive
Addresses in Clock/RAM
 Dual-Power Supply Pins for Primary and
Backup Power Supplies
 Optional Trickle Charge Output to Backup
Supply
 2.0V to 5.5V Operation
 Optional Industrial Temperature Range:
-40°C to +85°C
 Available in Space-Efficient, 20-Pin TSSOP
Package
 Underwriters Laboratory (UL) Recognized
PIN CONFIGURATIONS
www.maxim-ic.com
DS1306
Serial Alarm Real-Time Clock
SPI is a trademark of Motorola, Inc.
TSSOP (4.4mm)
VCC2
VBAT
X1
N.C.
X2
N.C.
INT0
INT1
1Hz
GND
VCC1
N.C.
32kHz
VCCIF
SDO
SDI
SCLK
CE
SERMODE
N.C.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VCC2
DIP (300 mils)
15
X1
INT0
1Hz
GND
VCC1
SDO
SDI
SCLK
CE
SERMODE
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
VBAT
X2
INT1
32kHz
VCCIF
19-5056; Rev 12/09


Similar Part No. - DS1306E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1306E DALLAS-DS1306E Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
DS1306E DALLAS-DS1306E Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306E MAXIM-DS1306E Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Dallas Semiconductor
DS1306E+ DALLAS-DS1306E+ Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306E+ MAXIM-DS1306E+ Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results

Similar Description - DS1306E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com