Electronic Components Datasheet Search
  English  ▼

X  

DS1306E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1306E
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306E Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1306E Datasheet HTML 1Page - Maxim Integrated Products DS1306E Datasheet HTML 2Page - Maxim Integrated Products DS1306E Datasheet HTML 3Page - Maxim Integrated Products DS1306E Datasheet HTML 4Page - Maxim Integrated Products DS1306E Datasheet HTML 5Page - Maxim Integrated Products DS1306E Datasheet HTML 6Page - Maxim Integrated Products DS1306E Datasheet HTML 7Page - Maxim Integrated Products DS1306E Datasheet HTML 8Page - Maxim Integrated Products DS1306E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS1306
5 of 22
RECOMMENDED LAYOUT FOR CRYSTAL
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was
trimmed. Additional error is added by crystal frequency drift caused by temperature shifts. External
circuit noise coupled into the oscillator circuit can result in the clock running fast. Refer to Application
Note 58: Crystal Considerations with Dallas Real-Time Clocks for detailed information.
Table 1. Crystal Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
45
kΩ
Load Capacitance
CL
6
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for additional specifications.
CLOCK, CALENDAR, AND ALARM
The time and calendar information is obtained by reading the appropriate register bytes. The RTC
registers are illustrated in Figure 2. The time, calendar, and alarm are set or initialized by writing the
appropriate register bytes. Note that some bits are set to 0. These bits always read 0 regardless of how
they are written. Also note that registers 12h to 1Fh (read) and registers 92h to 9Fh are reserved. These
registers always read 0 regardless of how they are written. The contents of the time, calendar, and alarm
registers are in the BCD format.. Values in the day register that correspond to the day of the week are
user-defined, but must be sequential (e.g. if 1 equals Sunday, 2 equals Monday and so on). The day
register increments at midnight. Illogical time and date entries result in undefined operation.
WRITING TO THE CLOCK REGISTERS
The internal time and date registers continue to increment during write operations. However, the
countdown chain is reset when the seconds register is written. Writing the time and date registers within
one second after writing the seconds register ensures consistent data.
Terminating a write before the last bit is sent aborts the write for that byte.
READING FROM THE CLOCK REGISTERS
Buffers are used to copy the time and date register at the beginning of a read. When reading in burst
mode, the user copy is static while the internal registers continue to increment.
Local ground plane (Layer 2)
crystal
X1
X2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com