Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1213
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 170MHz, differential sine-wave clock input drive, 0.1μF capacitor on REFIO,
internal reference, digital output pins differential RL = 100
Ω ±1%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS DIGITAL INPUTS (CLKDIV, T/B)
Digital Input Voltage Low
VIL
0.2 x AVCC
V
Digital Input Voltage High
VIH
0.8 x AVCC
V
TIMING CHARACTERISTICS
CLK-to-Data Propagation Delay
tPDL
Figure 4
1.75
ns
CLK-to-DCLK Propagation Delay
tCPDL
Figure 4
4.95
ns
DCLK-to-Data Propagation Delay
tPDL - tCPDL Figure 4 (Note 3)
2.8
3.2
3.6
ns
LVDS Output Rise Time
tRISE
20% to 80%, CL = 5pF
460
ps
LVDS Output Fall Time
tFALL
20% to 80%, CL = 5pF
460
ps
Output Data Pipeline Delay
tLATENCY
Figure 4
11
Clock
cycles
POWER REQUIREMENTS
Analog Supply Voltage Range
AVCC
1.70
1.80
1.90
V
Digital Supply Voltage Range
OVCC
1.70
1.80
1.90
V
Analog Supply Current
IAVCC
fIN = 65MHz
375
425
mA
Digital Supply Current
IOVCC
fIN = 65MHz
63
75
mA
Analog Power Dissipation
PDISS
fIN = 65MHz
788
900
mW
Offset
1.8
mV/V
Power-Supply Rejection Ratio
(Note 4)
PSRR
Gain
1.5
%FS/V
Note 1:
≥ +25°C guaranteed by production test, < +25°C guaranteed by design and characterization.
Note 2: Static linearity and offset parameters are computed from a best-fit straight line through the code transition points. The full-
scale range (FSR) is defined as 4095 x slope of the line.
Note 3: Parameter guaranteed by design and characterization: TA = TMIN to TMAX.
Note 4: PSRR is measured with both analog and digital supplies connected to the same potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com