Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1213
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products MAX1213 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 170MHz, AIN = -1dBFS; see each TOC for detailed information on test condi-
tions, differential input drive, differential sine-wave clock input drive, 0.1μF capacitor on REFIO, internal reference, digital output pins
differential RL = 100
Ω, TA = +25°C.)
30
50
40
70
60
80
90
-55
-45 -40 -35
-50
-30 -25 -20 -15 -10 -5
0
ANALOG INPUT AMPLITUDE (dBFS)
SFDR vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 170MHz, fIN = 65.098877MHz)
-100
-80
-90
-60
-70
-40
-50
-30
-55
-45 -40 -35
-50
-30 -25 -20 -15 -10 -5
0
ANALOG INPUT AMPLITUDE (dBFS)
HD2/HD3 vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 170MHz, fIN = 65.098877MHz)
HD2
40
50
45
60
55
70
65
75
040
60
20
80 100 120 140 160 180
SNR/SINAD vs. SAMPLE FREQUENCY
(fIN = 65MHz, AIN = -1dBFS)
fSAMPLE (MHz)
SNR
SINAD
55
60
65
70
75
80
85
040
20
60
80 100 120 140 160 180
fSAMPLE (MHz)
SFDR vs. SAMPLE FREQUENCY
(fIN = 65MHz, AIN = -1dBFS)
-110
-100
-105
-90
-95
-80
-85
-75
-65
-70
-60
0
406080
20
100 120 140 160 180
fSAMPLE (MHz)
HD2/HD3 vs. SAMPLE FREQUENCY
(fIN = 65MHz,AIN = -1dBFS)
HD3
HD2
710
730
750
770
790
810
830
20
60
40
80
100 120 140 160 180
TOTAL POWER DISSIPATION vs. SAMPLE
FREQUENCY (fIN = 65MHz, AIN = -1dBFS)
fSAMPLE (MHz)
-2.0
-1.2
-1.6
-0.4
-0.8
0.4
0
0.8
1.6
1.2
2.0
0
1024 1536
512
2048 2560 3072 3584 4096
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
fIN = 12.5MHz
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
0
1024 1536
512
2048 2560 3072 3584 4096
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
fIN = 12.5MHz
GAIN BANDWIDTH PLOT
(fSAMPLE = 170MHz, AIN = -1dBFS)
ANALOG INPUT FREQUENCY (MHz)
100
-6
-5
-4
-3
-2
-1
0
1
-7
10
1000
DIFFERENTIAL TRANSFORMER COUPLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com