Electronic Components Datasheet Search
  English  ▼

X  

MAX941ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX941ESA
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX941ESA Datasheet HTML 3Page - Maxim Integrated Products MAX941ESA Datasheet HTML 4Page - Maxim Integrated Products MAX941ESA Datasheet HTML 5Page - Maxim Integrated Products MAX941ESA Datasheet HTML 6Page - Maxim Integrated Products MAX941ESA Datasheet HTML 7Page - Maxim Integrated Products MAX941ESA Datasheet HTML 8Page - Maxim Integrated Products MAX941ESA Datasheet HTML 9Page - Maxim Integrated Products MAX941ESA Datasheet HTML 10Page - Maxim Integrated Products MAX941ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
_______________Detailed Description
The MAX941/MAX942/MAX944 single-supply compara-
tors feature internal hysteresis, high speed, and low
power. Their outputs are guaranteed to pull within 0.4V
of either supply rail without external pullup or pulldown
circuitry. Rail-to-rail input voltage range and low-volt-
age single-supply operation make these devices ideal
for portable equipment. The MAX941/MAX942/
MAX944 interface directly to CMOS and TTL logic.
Timing
Most high-speed comparators oscillate in the linear
region because of noise or undesired parasitic feed-
back. This tends to occur when the voltage on one
input is at or equal to the voltage on the other input. To
counter the parasitic effects and noise, the MAX941/
MAX942/MAX944 have internal hysteresis.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage and one for the falling
input voltage (Figure 1). The difference between the trip
points is the hysteresis. When the comparator’s input
voltages are equal, the hysteresis effectively causes
one comparator input voltage to move quickly past the
other, thus taking the input out of the region where
oscillation occurs. Standard comparators require hys-
teresis to be added with external resistors. The
MAX941/MAX942/MAX944’s fixed internal hysteresis
eliminates these resistors and the equations needed to
determine appropriate values.
Figure 1 illustrates the case where IN- is fixed and IN+
is varied. If the inputs were reversed, the figure would
look the same, except the output would be inverted.
The MAX941 includes an internal latch that allows stor-
age of comparison results. The L
—
A
—
T
—
C
—
H
–
pin has a high
input impedance. If L
—
A
—
T
—
C
—
H
–
is high, the latch is transpar-
ent (i.e., the comparator operates as though the latch is
not present). The comparator's output state is stored
when L
—
A
—
T
—
C
—
H
–
is pulled low. All timing constraints must
be met when using the latch function (Figure 2).
Shutdown Mode (MAX941 Only)
The MAX941 shuts down when
–
S
—
H
—
D
—
N
–
is low. When shut
down, the supply current drops to less than 60µA, and
the three-state output becomes high impedance. The
–
S
—
H
—
D
—
N
–
pin has a high input impedance. Connect
–
S
—
H
—
D
—
N
–
to V+ for normal operation. Exit shutdown with
L
—
A
—
T
—
C
—
H
–
high; otherwise, the output will be indeterminate.
Input Stage Circuitry
The MAX941/MAX942/MAX944 include internal protec-
tion circuitry that prevents damage to the precision
input stage from large differential input voltages. This
protection circuitry consists of two back-to-back diodes
between IN+ and IN- as well as two 4.1kΩ resistors
(Figure 3). The diodes limit the differential voltage
applied to the internal circuitry of the comparators to be
no more than 2VF, where VF is the forward voltage drop
of the diode (about 0.7V at +25°C).
For a large differential input voltage (exceeding 2VF),
this protection circuitry increases the input bias current
at IN+ (source) and IN- (sink).
Input Current =
(IN+ - IN-) - 2VF
2 x 4.1kΩ
Input current with large differential input voltages
should not be confused with input bias current (IB). As
long as the differential input voltage is less than 2VF,
this input current is equal to IB. The protection circuitry
also allows for the input common-mode range of the
MAX941/MAX942/MAX944 to extend beyond both
power-supply rails. The output is in the correct logic
state if one or both inputs are within the common-mode
range.
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
_______________________________________________________________________________________
7
VTRIP+
VHYST
VTRIP-
COMPARATOR
OUTPUT
VOH
VOL
VTRIP+ + VTRIP-
2
VOS =
VIN- = 0V
VIN+
Figure 1. Input and Output Waveform, Noninverting Input
Varied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com