Electronic Components Datasheet Search
  English  ▼

X  

MAX941ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX941ESA
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX941ESA Datasheet HTML 1Page - Maxim Integrated Products MAX941ESA Datasheet HTML 2Page - Maxim Integrated Products MAX941ESA Datasheet HTML 3Page - Maxim Integrated Products MAX941ESA Datasheet HTML 4Page - Maxim Integrated Products MAX941ESA Datasheet HTML 5Page - Maxim Integrated Products MAX941ESA Datasheet HTML 6Page - Maxim Integrated Products MAX941ESA Datasheet HTML 7Page - Maxim Integrated Products MAX941ESA Datasheet HTML 8Page - Maxim Integrated Products MAX941ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
_______________________________________________________________________________________
5
MAX944 TOTAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.75
SUPPLY VOLTAGE (V)
1.00
1.25
1.50
1.75
2.00
TA = +25°C
TA = -55°C
23
4
5
6
TA = +125°C
INPUT VOLTAGE RANGE
vs. TEMPERATURE
TEMPERATURE (°C)
-1
0
2
3
4
1
-60
140
-40 -20 0
20 40 60 80 100 120
VCM+
V+ = 3.0V
VCM-
SHORT-CIRCUIT OUTPUT CURRENT
vs. TEMPERATURE
0
10
20
30
40
TEMPERATURE (°C)
-60 -40 -20
0
20 40 60 80 100 120 140
OUTPUT SHORTED
TO V+ (SINKING)
OUTPUT SHORTED
TO GND (SOURCING)
VOLTAGE TRIP POINTS/INPUT OFFSET
VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
-2000
-1500
-500
0
1000
-1000
-60
140
-40 -20 0
20 40 60 80 100 120
500
VTRIP+
VTRIP-
VOS
VCM = 0
INPUT BIAS CURRENT (IB+, IB-)
vs. COMMON-MODE VOLTAGE
-100
COMMON-MODE VOLTAGE (V)
-50
0
50
100
150
200
250
01
2
3
45
6
TA = -55°C
TA = +25°C
TA = +125°C
VIN+ = VIN-
NEGATIVE VALUES
REPRESENT CURRENT
FLOWING INTO THE
DEVICE
V+ = 6V
INPUT BIAS CURRENT/INPUT OFFSET
CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
0
50
150
200
250
100
-60
140
-40 -20 0
20 40 60 80 100 120
IB+
IB-
IOS
MAX941 SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
0
10
20
30
40
TEMPERATURE (°C)
-60 -40 -20
0
20 40 60 80 100 120 140
V+ = 6.0V
V+ = 2.7V
10MHz RESPONSE
INPUT
50mV/div
OUTPUT
1V/div
VOS
V+
GND
50ns/div
MAX941 TOC 17
____________________________Typical Operating Characteristics (continued)
(V+ = 3.0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com