Electronic Components Datasheet Search
  English  ▼

X  

LT3492EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LT3492EUFD
Description  Triple Output LED Driver with 3000:1 PWM Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3492EUFD Datasheet HTML 8Page - Linear Technology LT3492EUFD Datasheet HTML 9Page - Linear Technology LT3492EUFD Datasheet HTML 10Page - Linear Technology LT3492EUFD Datasheet HTML 11Page - Linear Technology LT3492EUFD Datasheet HTML 12Page - Linear Technology LT3492EUFD Datasheet HTML 13Page - Linear Technology LT3492EUFD Datasheet HTML 14Page - Linear Technology LT3492EUFD Datasheet HTML 15Page - Linear Technology LT3492EUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3492
12
3492f
TYPICAL APPLICATIONS
Minimum BOM Buck Mode LED Driver
300:1 PWM Dimming at 100Hz
Efficiency
0.3A
C4
0.22μF
C5
0.22μF
C6
0.22μF
ISN1
330mΩ
330mΩ
PVIN
58V
10 LEDs
L1
33μH
L2
33μH
L3
33μH
ISP1
0.3A
ISN2
ISP2
0.3A
ISN3
C1-C3
1μF
3
330mΩ
ISP3
D1
D2
D3
C1-C3, C7: MURATA GRM31CR72A105KA01L
C4-C6: MURATA GRM21BR71H224KA01
D1-D3: DIODES B1100
L1-L3: TDK VLF5014AT-330MR50
10k
150k
49.9k
470pF
3492 TA07a
SW1
SW2
LT3492
GND
SW3
TG1-3
VC1-3
VREF
CTRL1-3
ISP1-3
ISN1-3
VIN
PWM1-3
SHDN
VIN
5V
C7
1μF
FADJ
OVP1-3
1.3MHz
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.5A/DIV
5μs/DIV
3492 TA07b
PWM DUTY CYCLE (%)
0
50
55
65
70
75
40
80
100
95
3492 TA07c
60
20
60
80
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com