Electronic Components Datasheet Search
  English  ▼

X  

LT3492EUFD Datasheet(PDF) 20 Page - Linear Technology

Part # LT3492EUFD
Description  Triple Output LED Driver with 3000:1 PWM Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EUFD Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3492EUFD Datasheet HTML 12Page - Linear Technology LT3492EUFD Datasheet HTML 13Page - Linear Technology LT3492EUFD Datasheet HTML 14Page - Linear Technology LT3492EUFD Datasheet HTML 15Page - Linear Technology LT3492EUFD Datasheet HTML 16Page - Linear Technology LT3492EUFD Datasheet HTML 17Page - Linear Technology LT3492EUFD Datasheet HTML 18Page - Linear Technology LT3492EUFD Datasheet HTML 19Page - Linear Technology LT3492EUFD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3492
20
3492f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1109 • PRINTED IN USA
TYPICAL APPLICATION
Triple Buck-Boost Mode 100mA
× 4 LED Driver
3000:1 PWM Dimming at 100Hz
PVIN
10V TO 16V
2.2nF
3492 TA06
SW1
SW2
PVIN
LT3492
GND
SW3
ISP1-3
ISN1-3
VIN
PWM1-3
SHDN
VIN
5V TO 16V
C8
1μF
4 LEDs
100mA
3.9M
100k
OVP3
18.2k
ISN3
TG3
1Ω
L1
22μH
L2
22μH
L3
22μH
ISP3
ISN2
1Ω
ISP2
C2
0.1μF
C4
0.1μF
C6
0.1μF
C5
1μF
PVIN
C3
1μF
PVIN
C7
1μF
ISN1
D1
D2
D3
1Ω
ISP1
3.9M
100k
OVP2
3.9M
100k
OVP1
C1
2.2μF
4 LEDs
100mA
TG2
TG1
4 LEDs
100mA
M1
M2
M3
C1: MURATA GRM31MR71E225KA93
C2, C4, C6: MURATA GRM21BR71H104KA01B
C3, C5, C7: MURATA GRM31MR71H105KA88
C8: MURATA GRM31MR71E105KA93
D1-D3: ROHM RB160M-60
L1-L3: TDK VLF5014AT-220MR62
M1-M3: ZETEX ZXMP6A13F
FADJ
TG1-3
OVP1-3
VC1-3
VREF
CTRL1-3
150k
49.9k
1.3MHz
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT3496
Triple 0.75A, 2.1MHz, 45V LED Driver
VIN: 3V to 30V, VOUT(MAX) = 45V, Dimming = 3000:1, ISD < 1μA,
4mm × 5mm QFN and TSSOP16E Packages
LT3474
36V, 1A (ILED), 2MHz, Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, True Color PWM Dimming = 400:1,
ISD < 1μA, TSSOP16E Package
LT3475
Dual 1.5A (ILED), 36V, 2MHz Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, True Color PWM Dimming = 3000:1,
ISD < 1μA, TSSOP20E Package
LT3476
Quad Output 1.5A, 36V, 2MHz High Current LED Driver
with 1000:1 Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, True Color PWM Dimming = 1000:1,
ISD < 10μA, 5mm × 7mm QFN Package
LT3477
3A, 42V, 3MHz Boost, Buck-Boost, Buck LED Driver
VIN: 2.5V to 25V, VOUT(MAX) = 40V, Dimming = Analog/PWM, ISD < 1μA,
QFN and TSSOP20E Packages
LT3478/LT3478-1
4.5A, 42V, 2.5MHz High Current LED Driver with
3000:1 Dimming
VIN: 2.8V to 36V, VOUT(MAX) = 42V, True Color PWM Dimming = 3000:1,
ISD < 3μA, TSSOP16E Package
LT3486
Dual 1.3A, 2MHz High Current LED Driver
VIN: 2.5V to 24V, VOUT(MAX) = 36V, True Color PWM Dimming = 1000:1,
ISD < 1μA, 5mm × 3mm DFN and TSSOP16E Packages
LT3517
1.5A, 2.5MHz, 45V LED Driver
VIN: 3V to 30V, VOUT(MAX) = 45V, Dimming = 3000:1, ISD < 1μA,
4mm × 4mm QFN and TSSOP16E Packages
LT3518
2.3A, 2.5MHz, 45V LED Driver
VIN: 3V to 30V, VOUT(MAX) = 45V, Dimming = 3000:1, ISD < 1μA,
4mm × 4mm QFN and TSSOP16E Packages
LT3755/LT3755-1
40VIN, 75VOUT, Full Featured LED Controller
VIN: 4.5V to 40V, VOUT(MAX) = 75V, True Color PWM Dimming = 3000:1,
ISD < 1μA, 3mm × 3mm QFN-16 and MS16E Packages
LT3756-1
100V High Current LED Controller
VIN: 6V to 100V, VOUT(MAX) = 100V, True Color PWM Dimming = 3000:1,
ISD < 1μA, 3mm × 3mm QFN-16 and MS16E Packages
LTC®3783
High Current LED Controller
VIN: 3V to 36V, VOUT(MAX) = Ext FET, True Color PWM Dimming = 3000:1,
ISD < 20μA, 5mm × 4mm QFN10 and TSSOP16E Packages
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.1A/DIV
1μs/DIV
3492 TA06b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com