Electronic Components Datasheet Search
  English  ▼

X  

F1G52 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F1G52
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F1G52 Datasheet(HTML) 2 Page - Integrated Technology Future

  F1G52 Datasheet HTML 1Page - Integrated Technology Future F1G52 Datasheet HTML 2Page - Integrated Technology Future F1G52 Datasheet HTML 3Page - Integrated Technology Future F1G52 Datasheet HTML 4Page - Integrated Technology Future F1G52 Datasheet HTML 5Page - Integrated Technology Future F1G52 Datasheet HTML 6Page - Integrated Technology Future F1G52 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F1G52
Part No.
F1G52
Rev. Date
2007-10-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NG4003-AS03
2/7
Specifications
Fc =1575.42MHz
Terminating source impedance
: 50Ω
Terminating load impedance
: 50Ω
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Center Frequency
MHz
-
1575.42
-
Insertion Loss (Fo +/- 1 MHz)
dB
-
1.5
2.2
Amplitude Ripple (Fo +/- 1 MHz)
dB p-p
-
0.1
1.0
Relative Attenuation
D.C. ~ 1400 MHz
1400 ~ 1475 MHz
1475 ~ 1525 MHz
1625 ~ 1640 MHz
1640 ~ 2000 MHz
2000 ~ 3000 MHz
dB
35.0
30.0
25.0
30.0
32.0
20.0
37.0
34.0
37.0
45.0
34.0
28.0
-
-
-
-
-
-
VSWR (1574.42 ~ 1576.42 MHz)
-
-
1.2
2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com