Electronic Components Datasheet Search
  English  ▼

X  

F1G52 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F1G52
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F1G52 Datasheet(HTML) 1 Page - Integrated Technology Future

  F1G52 Datasheet HTML 1Page - Integrated Technology Future F1G52 Datasheet HTML 2Page - Integrated Technology Future F1G52 Datasheet HTML 3Page - Integrated Technology Future F1G52 Datasheet HTML 4Page - Integrated Technology Future F1G52 Datasheet HTML 5Page - Integrated Technology Future F1G52 Datasheet HTML 6Page - Integrated Technology Future F1G52 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F1G52
Part No.
F1G52
Rev. Date
2007-10-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NG4003-AS03
1/7
Features
GPS applications
Usable bandwidth of 2 MHz
No impedance matching require for operation at 50 Ω
SMD Package 2.5 mm × 2.0 mm× 1.0 mm
Single-ended Operation
Package Dimensions
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.5 ~ 1.0 um, Over a 2.0 ~ 6.0 um
Ni Plating
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-40
25
95
Storage Temperature Range
°C
-40
-
105
Power Handling Capability
dBm
-
10
-
Electrostatics Sensitive Device (ESD)
Pin Configuration
1
Input
3
Output
2, 4
Ground
I
5A
2
1
4
3
2
3
4
1


Similar Part No. - F1G52

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F1G56 ITF-F1G56 Datasheet
249Kb / 7P
SAW Bandpass Filter
2007-07-13
F1G59 ITF-F1G59 Datasheet
293Kb / 7P
SAW Bandpass Filter
Rev. AS01
F1G5A ITF-F1G5A Datasheet
231Kb / 7P
SAW Bandpass Filter F1G5A
Rev. AS 2011-3-16
F1G5B ITF-F1G5B Datasheet
166Kb / 7P
SAW Bandpass Filter F1G5B
2011-06-22
F1G5C ITF-F1G5C Datasheet
180Kb / 7P
SAW Bandpass Filter F1G5C
2011-07-27
More results

Similar Description - F1G52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com