Electronic Components Datasheet Search
  English  ▼

X  

201142B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 201142B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201142B Datasheet(HTML) 4 Page - Integrated Technology Future

  201142B Datasheet HTML 1Page - Integrated Technology Future 201142B Datasheet HTML 2Page - Integrated Technology Future 201142B Datasheet HTML 3Page - Integrated Technology Future 201142B Datasheet HTML 4Page - Integrated Technology Future 201142B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 201142B
Part No.
201140B
CH1
S21
LOG
10 dB/
REF -23.56 dB
CENTER
70. 000 000 MHz
SPAN
28. 000 000 MHz
Cor
20 Apr 2004 09:55:19
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
11. 121667
MHz
cent :
69. 971414
MHz
Q: 6. 2915
1_loss : -23 . 584 dB
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
1 dB/
REF -23.26 dB
Cor
CH2
S21
DEL
200 ns/
REF 3.15 us
CENTER
70. 000 000 MHz
SPAN
12. 000 000 MHz
Cor
Smo
20 Apr 2004 09:56:33
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
10. 125040
MHz
cent :
69. 990195
MHz
Q: 6. 9126
1_loss : -23 . 596 dB
2
3
3: -8 . 3496 ns
9. 350 000 MHz
REF=2
CH2 Markers
mean : 3. 1798 us
s. dev : 9. 7516 ns
p-p : 55. 059 ns
Rev. Date
2004-04-19
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI0007-CS04
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com