Electronic Components Datasheet Search
  English  ▼

X  

201142B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201142B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201142B Datasheet(HTML) 5 Page - Integrated Technology Future

  201142B Datasheet HTML 1Page - Integrated Technology Future 201142B Datasheet HTML 2Page - Integrated Technology Future 201142B Datasheet HTML 3Page - Integrated Technology Future 201142B Datasheet HTML 4Page - Integrated Technology Future 201142B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201142B
Part No.
201140B
CH1
S21
LOG
1 dB/
REF -23.26 dB
CH1
S21
LOG
10 dB/
REF -22.95 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
20 Apr 2004 10:01:55
1
1: -22 . 819 dB
70. 000 000 MHz
Rev. Date
2004-04-19
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI0007-CS04
5/5
Cor
CH2
S21
LOG
1 dB/
REF -23.26 dB
CENTER
70. 000 000 MHz
SPAN
12. 000 000 MHz
Cor
20 Apr 2004 09:56:18
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 845220
MHz
cent :
70. 021436
MHz
Q: 7. 1122
1_loss : -23 . 594 dB
2
3
3: . 84180
dB
9. 350 000 MHz
REF=2
CH2 Markers
mean : -23 . 638 dB
s. dev : . 20610
dB
p-p : . 95920
dB
CH1
S11
SWR
5 /
REF 9.112
CENTER
70. 000 000 MHz
SPAN
28. 000 000 MHz
Cor
CH2
SWR
5 /
REF 8.979
Cor
S22
20 Apr 2004 10:00:22
1
1: 9. 1201
70. 000 000 MHz
2
2: 8. 9482
70. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
70. 000 000 MHz
SPAN
28. 000 000 MHz
Cor
20 Apr 2004 10:00:29
1
1: 13. 633
-60 . 082
37. 842 pF
70. 000 000 MHz
2
2: 12. 184
-53 . 742
42. 306 pF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com