Electronic Components Datasheet Search
  English  ▼

X  

270751B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 270751B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270751B Datasheet(HTML) 4 Page - Integrated Technology Future

  270751B Datasheet HTML 1Page - Integrated Technology Future 270751B Datasheet HTML 2Page - Integrated Technology Future 270751B Datasheet HTML 3Page - Integrated Technology Future 270751B Datasheet HTML 4Page - Integrated Technology Future 270751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 270751B
Part No.
270751B
Rev. Date
2004-04-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ3013-CS02
4/5
CH1
S 21
log MAG
1 dB/
REF -8.547 dB
CENTER 70.000 000 MHz
SPAN 12.000 000 MHz
270751B
Cor
PRm
CH2
S 21
delay
REF 1.512 us
200 ns/
WA01
Cor
Smo
PRm
5 Nov 2003 09:08:47
1
1
2
3
4
1_: 0
dB
0.000 000 MHz
REF=1
BW:
7.625 167 MHz
cent: 70.103761 MHz
Q: 9.1937
1_ loss: -8.5462 dB
2
1
2
3
3_ -54.275 ns
6.400 000 MHz
REF=2
mean: 1.177 us
s.dev: 11.354 ns
p-p: 84.623 ns
CH1
S 21
log MAG
10 dB/
REF -8.533 dB
CENTER 70.000 000 MHz
SPAN 25.000 000 MHz
270751B
Cor
PRm
5 Nov 2003 10:06:01
1
2
3
4
1_: 0
dB
0.000 000 MHz
REF=1
BW:
9.989 304 MHz
cent: 70.425447 MHz
Q: 7.0501
1_ loss: -8.5294 dB
6. Typical Performance ( at +25℃ )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com