Electronic Components Datasheet Search
  English  ▼

X  

270751B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 270751B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270751B Datasheet(HTML) 5 Page - Integrated Technology Future

  270751B Datasheet HTML 1Page - Integrated Technology Future 270751B Datasheet HTML 2Page - Integrated Technology Future 270751B Datasheet HTML 3Page - Integrated Technology Future 270751B Datasheet HTML 4Page - Integrated Technology Future 270751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 270751B
Part No.
270751B
CH1
S
CH1
S 11
SWR
5 /
REF 0
CENTER 70.000 000 MHz
SPAN 25.000 000 MHz
270751B
Cor
PRm
CH2
S 22
SWR
REF 0
5 /
WA01
Cor
PRm
5 Nov 2003 09:05:34
1
1
1_: 1.6028
70.000 000 MHz
2
2
2_ 1.7985
70.000 000 MHz
Rev. Date
2004-04-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ3013-CS02
5/5
21
log MAG
1 dB/
REF -8.546 dB
CENTER 70.000 000 MHz
SPAN 12.000 000 MHz
0751B
Cor
27
PRm
CH2
S
log MAG
REF -8.797 dB
1 dB/
Cor
21
WA01
PRm
5 Nov 2003 09:09:10
1
1
2
3
4
1_: 0
dB
0.000 000 MHz
REF=1
BW:
7.074 456 MHz
cent: 70.083495 MHz
Q: 9.9066
1_ loss: -8.548 dB
2
1
2
3
3_ .1790 dB
6.400 000 MHz
REF=2
mean:-8.596 3 dB
s.dev: .0914 dB
p-p: .5628 dB
CH1
S 11
1 U FS
CENTER 70.000 000 MHz
SPAN 25.000 000 MHz
270751B
Cor
PRm
CH2
S 22
1 U FS
WA01
Cor
PRm
5 Nov 2003 09:05:10
1
1_: 31.209
-657.23 m
3.4594 nF
70.000 000 MHz
2
2_ 27.867
2.0918
4.756 nH
70.000 000 MHz
CH1
S
log MAG
10 dB/
REF -10.53 dB
START
.010 000 MHz
STOP 400.000 000 MHz
0751B
21
27
PRm
5 Nov 2003 09:06:13
1
2
3
1_: 0
dB
0.000 000 MHz
REF=1
2_:-71.165 dB
70 MHz
3_:-45.347 dB
140 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com