Electronic Components Datasheet Search
  English  ▼

X  

222151B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 222151B
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222151B Datasheet(HTML) 2 Page - Integrated Technology Future

  222151B Datasheet HTML 1Page - Integrated Technology Future 222151B Datasheet HTML 2Page - Integrated Technology Future 222151B Datasheet HTML 3Page - Integrated Technology Future 222151B Datasheet HTML 4Page - Integrated Technology Future 222151B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bandpass Filter 222151B
Part No.
222151B
3. Specifications
Fo = 60.0 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range :
-10℃ ~ +70℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
60.0
-
Insertion Loss
dB
-
14.5
17.0
1dB Bandwidth
MHz
20.0
20.7
-
3dB Bandwidth
MHz
-
21.5
-
40dB Bandwidth
MHz
-
24.8
25.0
Amplitude Ripple (Fo +/- 9.75 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 9.75 MHz)
nsec
-
40
80
Absolute Delay
usec
-
1.29
-
Ultimate Rejection
dB
40
45
Temperature Coefficient of Frequency
ppm/°C
-
-86
-
Room temperature
: + 25 ℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
60.0
-
Insertion Loss
dB
-
14.5
16.5
Amplitude Ripple (Fo +/- 10.0 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 10.0 MHz)
nsec
-
40
80
Rev. Date
2006-08-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6019-CS02
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com