Electronic Components Datasheet Search
  English  ▼

X  

222151B Datasheet(PDF) 3 Page - Integrated Technology Future

Part # 222151B
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222151B Datasheet(HTML) 3 Page - Integrated Technology Future

  222151B Datasheet HTML 1Page - Integrated Technology Future 222151B Datasheet HTML 2Page - Integrated Technology Future 222151B Datasheet HTML 3Page - Integrated Technology Future 222151B Datasheet HTML 4Page - Integrated Technology Future 222151B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bandpass Filter 222151B
Part No.
222151B
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Output
50Ω
L4
L3
L2
Input
50Ω
L1
L1 =120 nH,
L2 = 220nH
L3 = 220nH,
L4 = 68nH
5. Marking Configuration
ITF
1) 06A0012)
222151B
3)
4)
1) Manufacturer name
2) Lot Number
3) Part Number
4) Pad Number 1 Index
Rev. Date
2006-08-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6019-CS02
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com