Electronic Components Datasheet Search
  English  ▼

X  

DS2900 Datasheet(PDF) 3 Page - Emerson Network Power

Part # DS2900
Description  2900 Watts Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2900 Datasheet(HTML) 3 Page - Emerson Network Power

  DS2900 Datasheet HTML 1Page - Emerson Network Power DS2900 Datasheet HTML 2Page - Emerson Network Power DS2900 Datasheet HTML 3Page - Emerson Network Power DS2900 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Ordering Information
Model Number
Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Over Current
Stand-by
Air Flow
DS2900-3
12.0 Vdc
± 0.2%
± 4%
0 A
240 A
120 mV
288 A - 312 A*
3.3 V @ 3 A
Std
DS2900-3-002
12.0 Vdc
± 0.2%
± 4%
0 A
240 A
120 mV
288 A - 312 A*
5.0 V @ 2 A
Std
DS2900-3-003
12.0 Vdc
± 0.2%
± 4%
0 A
240 A
120 mV
288 A - 312 A*
5.0 V @ 2 A
Reversed
DS2900-3-004
12.0 Vdc
± 0.2%
± 4%
0 A
240 A
120 mV
288 A - 312 A*
3.3 V @ 3 A
Reversed
*Over current latches off if overcurrent lasts over 1 seconds, otherwise it is auto recovery.
Operating temperature:
0° to 50 °C
Storage temperature:
-40 °C to +85 °C
Altitude, operating:
10,000 ft
Electromagnetic susceptibility / Input transients:
-EN61000-3-2, -3-3
-EN61000-4-2, 4-3, 4-4, -4-5, 4-11
-EN55024:1998
RoHS & lead-free compliant:
No tantalum caps.
Humidity:
20 to 90% RH, non-condensing
Shock and vibration specificatons:
Complies with Astec Std. Specifications, Q3205
MTBF (Calculated):
300K Hrs Belcore 332, issue b @ 25 °C and 40 °C full load
MTBF (Demonstrated):
> 500k Hrs
Environmental Specifications
Rev. 11.9.09_44
DS2900
3 of 4
Mechanical Drawing
217 ± 0.75
138.4
52
16.8
208
138.4
13.2
AIRFLOW DIRECTION
EMI CLIP
EMI CLIP
FAN GRILLE
FAN 60X60X38
LED
EMI CLIP
EMI CLIP
HANDLE
Condition
LED Status
Stand-by - ON; Main output - OFF; AC
PRESENT
Blinking green
Stand-by - ON; Main output - ON;
Solid green
Main output OCP, UVP, OVP
Blinking Amber
FAN_FAULT; OTP; Stand-by OCP/UVP
Amber



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com