Electronic Components Datasheet Search
  English  ▼

X  

DS2900 Datasheet(PDF) 4 Page - Emerson Network Power

Part # DS2900
Description  2900 Watts Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2900 Datasheet(HTML) 4 Page - Emerson Network Power

  DS2900 Datasheet HTML 1Page - Emerson Network Power DS2900 Datasheet HTML 2Page - Emerson Network Power DS2900 Datasheet HTML 3Page - Emerson Network Power DS2900 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 11.9.09_44
DS2900
4 of 4
Embedded Power for
Business-Critical Continuity
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2009 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Output Connection
DC Output Connector
FCI HCI Series Plug (10 Blades, 24 Signal pins). Power Supply; FCI P/N; SK10065864-003LF
FCI HCI Series Receptacle (10 Blades, 24 Signal pins). Mating; FCI P/N; SK10065866-003LF
P1 - System
Pin
Signal Name
Amps per pin1
Internal to power supply
FCI HCI Series Connector
10 Power Blased
24 Signal pins
P/N SK10065864-003LF
DCI HCI Series Connector
Molex Power Dock Senior
10 Power Blades
24 Signal pins
P/N SK10065866-003LF
PB-A1
+ Vout Return
100
PB-A2
+ Vout Return
100
PB-A3
+ Vout Return
100
PB-A4
+ Vout Return
100
PB-A5
+ Vout Return
100
PB-A6
+ Vout
100
PB-A7
+ Vout
100
PB-A8
+ Vout
100
PB-A9
+ Vout
100
PB-A10
+ Vout
100
A1
+3V3SB Return
1.5
A2
+3V3SB
1.5
A3
S_INT
N/A
A4
+Vout_Share
N/A
A5
PS_ON
N/A
A6
PS_SEATED
N/A
B1
+3V3SB Return
1.5
B2
+3V3SB
1.5
B3
A2
N/A
B4
PWR_GOOD
N/A
B5
ACOK
N/A
B6
PS_KILL
N/A
C1
+3V3SB Return
1.5
C2
+3V3SB
1.5
C3
A0
N/A
C4
A1
N/A
C5
SCL
N/A
C6
SDA
N/A
D1
+3V3SB Return
1.5
D2
+3V3SB
1.5
D3
+Vout_RS_RETURN
N/A
D4
_Vout_RS
N/A
D5
Reserve
N/A
D6
Reserve
N/A
Input Connection
FCI P/N 51939-081LF
Tyco P/N 6600100-2
Mating Connector
FCI P/N TBD
Tyco P/N TBD
Efficiency
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
0
500
1000
1500
2000
2500
3000
3500
Output Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com