Electronic Components Datasheet Search
  English  ▼

X  

LPS40-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS40-M
Description  40 Watts Medical safety approvals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS40-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPS40-M Datasheet HTML 1Page - Emerson Network Power LPS40-M Datasheet HTML 2Page - Emerson Network Power LPS40-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPS40-M Series
40 Watts Medical
Special Features
• Medicalsafetyapprovals
• Universalinput
• 3”x5”footprint
• Lessthan1Uhigh
• Remotesenseonmainoutput
• Lowoutputripple
• Adjustable5Voutput
• Overvoltageprotection
• Overloadprotection
• 110KHzswitchingfrequency
• LPX40enclosurekitavailable
Total Power:
40-55Watts
Input Voltage:
85-264VAC
120-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
85-264VAC;120-300VDC
Frequency:
47-440Hz
Inrushcurrent:
<18Apeak@115VAC;<36Apeak@230VAC,coldstart@25°C
Inputcurrent:
1Amax.(RMS)@115VAC
Efficiency:
70% typical at full load
EMIfilter:
FCCClassBconducted;CISPR22ClassAconducted;
EN55022ClassAconducted;VDE0878PT3ClassAconducted
Safetyground
leakagecurrent:
<75µA@50/60Hz,264VACinput
Output
Maximumpower:
40Wforconvection;55Wwith30CFMforcedair
Adjustmentrange:
-5,+10%minimum
Hold-uptime:
20ms@40Wload,115VACnominalline
Overloadprotection:
Shortcircuitprotectiononalloutputs
Caseoverloadprotected@110-145%abovepeakrating
Overvoltageprotection: 5Voutput;5.7to6.7VDC.Otheroutputs10%to25%abovenominal
output
Remotesense:
Compensatesfor0.5Vleaddropminimum.
Willoperatewithoutremotesenseconnected.
Reverseconnectionprotected.
VDE 0750/EN60601-1
(IEC601)
UL
UL2601E182560
CSA CSA22.2No.601.1
LR109492
CE Mark(LVD)
•
•
•
•
Rev. 9.8.09_28
LPS40-M Series
 of 3


Similar Part No. - LPS40-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
logo
Emerson Network Power
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
More results

Similar Description - LPS40-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
Medical safety approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
Medical safety approvals
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
Medical Safety Approvals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com