Electronic Components Datasheet Search
  English  ▼

X  

LPS40-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS40-M
Description  40 Watts Medical safety approvals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS40-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPS40-M Datasheet HTML 1Page - Emerson Network Power LPS40-M Datasheet HTML 2Page - Emerson Network Power LPS40-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 9.8.09_28
LPS40-M Series
2 of 3
Operatingtemperature: 0°to50°Cambient.Derateeachoutput2.5%perdegreefrom50°to70°C,-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Temperaturecoefficient: ±0.4%per°C
Electromagnetic
susceptibility:
DesignedtomeetIEC801,-2,-3,-4,-5,-6,Level3
Humidity:
Operating;non-condensing5%to95%RH
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.dwellatfourmajorresonances0.75G
peak5Hzto500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
27.5W
55W
30 CFM Forced Air Cooling
OrderingInformation
Model Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection cooling
Maximum Load with
30CFM Forced Air
Peak
Load1
Regulation2
Ripple P/P
(PARD)3
LPS42-M
5V
0A
8A
11A
12A
±2%
50mV
LPS43-M
12V
0A
3.3A
4.5A
5A
±2%
120mV
LPS44-M
15V
0A
2.6A
3.6A
4A
±2%
150mV
LPS45-M
24V
0A
1.6A
2.3A
2.5A
±2%
240mV
1.Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2.At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3.Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com