Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS103-M
Description  150 Watts Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS103-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPS103-M Datasheet HTML 1Page - Emerson Network Power LPS103-M Datasheet HTML 2Page - Emerson Network Power LPS103-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 4.30.09_29
LPS100-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS100-M Series
150 Watts
Special Features
• MedicalandITEsafeties
• Activepowerfactorcorrection
• 2”x4”footprint
• Lessthan1Uhigh
• EN61000-3-2compliant
• Remotesense
• Powerfail
• Adjustablemainoutput
• Built-inClassBEMIfilter
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• Isolated12VFanoutput
• LPX50Enclosurekitavailable
Total Power:
80 - 150 Watts
Input Voltage:
90-264Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac;120-300Vdc
Frequency:
47-63Hz
Inrushcurrent:
50Amax.,coldstart@25°C
Efficiency:
88% typical at full load
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;
EN55022ClassBconducted;VDE0878PT3ClassBconducted
Safetyground
leakagecurrent:
275µA@50/60Hz,264Vacinput
Output
Maximumpower:
100Wforconvection(80WforLPS102-M);
150Wwith30CFMforcedair(120WforLPS102-M)
Adjustmentrange:
±10%minimumonthemainoutputs
Fanoutput:
12V@1Aisolated,± 10%
Hold-uptime:
10ms@150Wload,120Vacinput
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverload
protected@110-160%aboverating
Overvoltageprotection: 15-35%abovenominaloutput
LogicalControl
Powerfailure:
Opencollectorlogicsignalgoeshigh100-500msecaftermainoutput;it
goeslowatleast6msecbeforelossofregulation
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
• TUV 60950,60601-1
• UL
60950,60601-1
• cULus
60950,60601-1
• TUV
60950,60601-1
• CB
Certificate & report
• CE
Mark(LVD)


Similar Part No. - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
419Kb / 3P
150 Watts
logo
Artesyn Technologies
LPS103-M ARTESYN-LPS103-M Datasheet
678Kb / 3P
Total Power: 80 - 150 Watts
LPS103-M ARTESYN-LPS103-M Datasheet
678Kb / 3P
EN61000-3-2 compliant
More results

Similar Description - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
Medical and ITE Safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
LPT100-M EMERSON-NETWORKPOWER-LPT100-M Datasheet
371Kb / 3P
130 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com