Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS103-M
Description  150 Watts Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS103-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPS103-M Datasheet HTML 1Page - Emerson Network Power LPS103-M Datasheet HTML 2Page - Emerson Network Power LPS103-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
Rev. 4.30.09_29
LPS100-M Series
2 of 3
Operatingtemperature:
0°to50°Cambientderateeachoutputas2.5%perdegreefrom
50°to70°C.-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;
-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to95%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
SK1
SK2
SK203
4.00"
(101.6)
3.73"
(94.7)
Mounting Hole
Ø0.16"[4.0] 4 Places
Max. Screw Head
Diameter .22”(5.6)
M1
M2
GND
VR1
Output Voltage
Adjust Pot
SK5
0.197”(5.0) Minimum Standoff Height
1
3
4
1
8
1
4
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com