Electronic Components Datasheet Search
  English  ▼

X  

242002B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 242002B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

242002B Datasheet(HTML) 4 Page - Integrated Technology Future

  242002B Datasheet HTML 1Page - Integrated Technology Future 242002B Datasheet HTML 2Page - Integrated Technology Future 242002B Datasheet HTML 3Page - Integrated Technology Future 242002B Datasheet HTML 4Page - Integrated Technology Future 242002B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 242002B
Part No.
242002B
Rev. Date
2008-11-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8047-CS01
4/5
6. Typical Performance ( at +25℃
℃
℃
℃ )
CH1 S21
LOG
1 dB/
REF -22.24 dB
Cor
CH2 S21
DEL
100 ns/
REF 2.01 us
CENTER 98. 000 000 MHz
SPAN 24. 000 000 MHz
Cor
Smo
28 Aug 2008 18:14:13
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 404582 MHz
cent :
98. 055416 MHz
Q: 4. 8056
1_loss : -22 . 643 dB
2
3
3: 3. 6771 ns
19. 300 000 MHz
REF=2
CH2 Markers
mean: 2. 0448 us
s. dev : 6. 4004 ns
p-p : 35. 222 ns
CH1 S21
LOG
10 dB/
REF -22.66 dB
CENTER 98. 000 000 MHz
SPAN 58. 000 000 MHz
*
Cor
Hld
28 Aug 2008 18:11:39
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 878657 MHz
cent :
98. 051374 MHz
Q: 4. 4816
1_loss : -22 . 707 dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com