Electronic Components Datasheet Search
  English  ▼

X  

242002B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 242002B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

242002B Datasheet(HTML) 5 Page - Integrated Technology Future

  242002B Datasheet HTML 1Page - Integrated Technology Future 242002B Datasheet HTML 2Page - Integrated Technology Future 242002B Datasheet HTML 3Page - Integrated Technology Future 242002B Datasheet HTML 4Page - Integrated Technology Future 242002B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 242002B
Part No.
242002B
Rev. Date
2008-11-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8047-CS01
5/5
CH1 S21
LOG
10 dB/
REF -22.66 dB
CENTER 98. 000 000 MHz
SPAN 58. 000 000 MHz
*
Cor
Hld
28 Aug 2008 18:11:47
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 22. 005632 MHz
cent :
98. 063986 MHz
Q: 4. 4563
1_loss : -22 . 707 dB
CH1 S21
LOG
1 dB/
REF -22.24 dB
Cor
CH2 S21
LOG
1 dB/
REF -22.78 dB
CENTER 98. 000 000 MHz
SPAN 24. 000 000 MHz
Cor
28 Aug 2008 18:13:51
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 064965 MHz
cent :
98. 064370 MHz
Q: 4. 8873
1_loss : -22 . 619 dB
2
3
3: . 11070 dB
19. 300 000 MHz
REF=2
CH2 Markers
mean:-22 . 618 dB
s. dev : . 09600 dB
p-p : . 53840 dB
CH1 S21
LOG
10 dB/
REF -22.66 dB
CENTER 98. 000 000 MHz
SPAN 58. 000 000 MHz
*
Cor
Hld
28 Aug 2008 18:11:39
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 878657 MHz
cent :
98. 051374 MHz
Q: 4. 4816
1_loss : -22 . 707 dB
CH1
S11
SWR
5 /
REF 4.148
Cor
CH2
S22
SWR
5 /
REF 6.645
CENTER 98. 000 000 MHz
SPAN 58. 000 000 MHz
Cor
28 Aug 2008 18:15:29
1
1: 4. 1426
98. 000 000 MHz
2
2: 6. 6316
98. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com