Electronic Components Datasheet Search
  English  ▼

X  

201518B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 201518B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201518B Datasheet(HTML) 2 Page - Integrated Technology Future

  201518B Datasheet HTML 1Page - Integrated Technology Future 201518B Datasheet HTML 2Page - Integrated Technology Future 201518B Datasheet HTML 3Page - Integrated Technology Future 201518B Datasheet HTML 4Page - Integrated Technology Future 201518B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Bandpass Filter 201518B
Part No.
201518B
3. Specifications
Fo = 160.0 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Center Frequency
MHz
-
160.0
-
Insertion Loss
dB
-
24.0
25.5
1dB Bandwidth
MHz
-
4.2
-
3dB Bandwidth
MHz
4.3
4.45
-
40dB Bandwidth
MHz
-
5.60
5.80
Amplitude Ripple (Fo +/- 1.92 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 1.92 MHz)
nsec
-
100
200
Absolute Delay
usec
-
2.5
-
Ultimate Rejection
dB
45
50
-
Temperature Coefficient of Frequency
ppm/°C
2
-
-0.03
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
3)
All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-03-31
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW3019-CS02
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com