Electronic Components Datasheet Search
  English  ▼

X  

201518B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 201518B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

201518B Datasheet(HTML) 5 Page - Integrated Technology Future

  201518B Datasheet HTML 1Page - Integrated Technology Future 201518B Datasheet HTML 2Page - Integrated Technology Future 201518B Datasheet HTML 3Page - Integrated Technology Future 201518B Datasheet HTML 4Page - Integrated Technology Future 201518B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 201518B
Part No.
201518B
CH2
CH1
S21
LOG
10 dB/
REF -24.24 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
PRm
26 Mar 2004 04:48:46
1
2
3
1: -24 . 462 dB
160 . 000 000 MHz
CH1 Markers
2: -61 . 620 dB
261 . 900 MHz
3: -66 . 445 dB
289 . 000 MHz
Rev. Date
2004-03-31
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW3019-CS02
5/5
S21
LOG
1 dB/
REF -23.7 dB
Cor
PRm
CH4
S21
LOG
1 dB/
REF -23.7 dB
CENTER 160 . 000 000 MHz
SPAN
6. 000 000 MHz
Cor
Smo
26 Mar 2004 04:45:37
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
2: - . 07830
dB
3. 840 000 MHz
REF=1
CH2 Markers
BW:
4. 202496
MHz
cent
: 159 . 973766
MHz
Q: 38. 066
1_loss : -23 . 854 dB
4
1
2
3
REF=3
CH4 Markers
mean : -23 . 915 dB
s. dev : . 09910
dB
p-p : . 46810
dB
CH1
S11
LOG
.5 dB/
REF -2.5 dB
CENTER 160 . 000 000 MHz
SPAN
15. 000 000 MHz
Cor
PRm
CH3
LOG
.5 dB/
REF -2.5 dB
Cor
S22
26 Mar 2004 04:46:32
1
1: -4 . 5431 dB
160 . 000 000 MHz
1
1: -5 . 1994 dB
160 . 000 000 MHz
CH1
S11
1 U FS
Cor
PRm
CH3
S22
1 U FS
CENTER 160 . 000 000 MHz
SPAN
15. 000 000 MHz
Cor
26 Mar 2004 04:47:02
1
1: 13. 544
11. 788
11. 725 nH
160 . 000 000 MHz
1
1: 14. 795
6. 4438
6. 4098 nH
160 . 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com