Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 1 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12100M3T5G
http://onsemi.com
3
0.2
0
2.0
0.001
0.15
0
IC, COLLECTOR CURRENT (A)
Figure 1. Collector Emitter Saturation Voltage vs.
Collector Current
Figure 2. Collector Emitter Saturation Voltage vs.
Collector Current
0.001
0.1
1
IC, COLLECTOR CURRENT (A)
0.10
0.01
IC/IB = 100
0.05
0.20
1.4
1.6
1.8
0.25
0.35
0.30
0.40
IC/IB = 10
VCE(sat) = 150°C
1
0.1
0.01
25
°C
-55
°C
VCE(sat) = -55°C
25
°C
150
°C
1.2
10
1.0
0.4
0.6
0.8
VBE(sat) = -55°C
1
0.1
0.01
300
200
100
0
0.001
150
°C (5.0 V)
600
Figure 3. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
Figure 5. Base Emitter Saturation Voltage vs.
Collector Current
0.0001
0.01
0.001
0.1
0.4
0
1.4
0
0.001
0.0001
0.00001
0.2
0.4
1.0
IC, COLLECTOR CURRENT (A)
0.2
0.8
0.6
1.2
1.0
25
°C
150
°C
150
°C (2.0 V)
25
°C (5.0 V)
25
°C (2.0 V)
400
500
-55
°C (5.0 V)
-55
°C (2.0 V)
10
1
IC/IB = 100
25
°C
150
°C
0.6
0.8
1.2
VBE(sat) = -55°C
0.01
IC/IB = 10
Figure 6. Base Emitter Turn-On Voltage vs.
Collector Current
0
0.1
0.01
0.001
0.2
0.4
1.0
IC, COLLECTOR CURRENT (A)
VCE = -3.0 V
25
°C
150
°C
0.6
0.8
VBE(on) = -55°C
1
0.1
0.3
0.9
0.5
0.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com