Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 1 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 4 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS12100M3T5G
http://onsemi.com
4
5
0
0
35
6
2
0
VCB, COLLECTOR BASE VOLTAGE (V)
50
09
10
VEB, EMITTER BASE VOLTAGE (V)
30
Cibo(pF)
25
45
10
20
25
13
4
40
12
3
4
78
56
Cobo(pF)
15
5
20
15
10
5
0
1.0
1.5
3.0
IB, BASE CURRENT (mA)
0.01
10
1
Figure 7. Saturation Region @ 25
5C
0.5
2.5
0.1
100
IC = 500 mA
300 mA
100 mA
10 mA
Figure 8. Input Capacitance
Figure 9. Output Capacitance
2.0
Figure 10. Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (V)
1
10
0.1
0.01
100
10
1
0.1
Power Limit
Package Limit
1.0 ms
1.0 s
10 ms
100 ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com