Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
11
Oct. 2009 Rev. 1.8
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 11. Dropout Voltage vs. Case Temperature
Figure 8. Dropout Voltage vs. Output Current
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
220
240
Output Current (mA)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
OUT=3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20
40
60
80
100
120
140
160
180
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=6V, VOUT=5.2V
-40
-20
0
2040
6080
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
IN=4.3V, VOUT=3.3V
-40
-20
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
IN=6V, VOUT=5.2V
Figure 9. Dropout Voltage vs. Output Current
Figure 10. Dropout Voltage vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com