Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 16 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128 Datasheet(HTML) 16 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
16
Oct. 2009 Rev. 1.8
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
I
OUT=0, VOUT=3.3V
Figure 28. Output Voltage vs. Input Voltage
0123
456
0
1
2
3
4
5
6
Input Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
I
OUT=0, VOUT=5.2V
Figure 30. Power Dissipation vs. Case Temperature
-40
-20
0
204060
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature(
oC)
V
OUT=0.8V
No heatsink
Figure 31. Load Transient
(Conditions: CIN=COUT=1µF, VIN=2.5V, VOUT=0.8V,
IOUT
VOUT
Figure 29. Output Voltage vs. Input Voltage
IOUT=10mA to 300mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com