Electronic Components Datasheet Search
  English  ▼

X  

NTJS4160N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJS4160N
Description  Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4160N Datasheet(HTML) 3 Page - ON Semiconductor

  NTJS4160N Datasheet HTML 1Page - ON Semiconductor NTJS4160N Datasheet HTML 2Page - ON Semiconductor NTJS4160N Datasheet HTML 3Page - ON Semiconductor NTJS4160N Datasheet HTML 4Page - ON Semiconductor NTJS4160N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTJS4160N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
5 V
4.0 V
0
10
2
3
1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
5
1
0
Figure 1. On-Region Characteristics
1.5
2
3
2
3.5
1
0
1
Figure 2. Transfer Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0.1
0.05
0
Figure 3. On-Resistance vs. Gate Voltage
VGS, GATE VOLTAGE (V)
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
-50
0
-25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.4
1.0
2.0
TJ = -55°C
75
150
ID = 2.6 A
2
25
°C
5.0
Figure 6. Drain-to-Source Leakage Current
vs. Voltage
4
VDS ≥ 4 V
0.25
3
7
9
2.5
TJ = 150°C
4.0
3.0
ID = 2.6 A
TJ = 25°C
0
1.0
4.0
0.05
ID, DRAIN CURRENT (AMPS)
0
2.0
10
6.0
0.1
5.0
3.0
VGS = 10 V
TJ = 25°C
0.3
1.5
1.6
7.0
8.0
VGS = 4.5 V
1
1000
10
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
015
10
VGS = 0 V
TJ = 125°C
20
100
TJ = 150°C
4
6
8
0.5
3.5
1.5
2.5
VGS = 3.8 V
2.4 V
2.6 V
2.8 V
3.0 V
3.2 V
3.4 V
3.6 V
4
4
3
6
5
8
7
10
9
7.0
10
9.0
8.0
6.0
0.2
0.15
0.35
9.0
1.3
1.1
0.9
0.7
4.5 < VGS < 10 V
6 V
to
10 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com