Electronic Components Datasheet Search
  English  ▼

X  

NTJS4160N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJS4160N
Description  Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4160N Datasheet(HTML) 4 Page - ON Semiconductor

  NTJS4160N Datasheet HTML 1Page - ON Semiconductor NTJS4160N Datasheet HTML 2Page - ON Semiconductor NTJS4160N Datasheet HTML 3Page - ON Semiconductor NTJS4160N Datasheet HTML 4Page - ON Semiconductor NTJS4160N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTJS4160N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
QGS
QGD
VGS
VDS
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and
Drain-to-Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
100
1
RG, GATE RESISTANCE (OHMS)
10
1
100
10
td(off)
Figure 10. Diode Forward Voltage vs. Current
0.1
0
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0.4
0.5
0.6
0.2
0.3
0.4
TJ = 25°C
VGS = 0 V
10
400
300
150
50
0
DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
30
15
100
250
20
5
0
VDD = 15 V
ID = 1.0 A
VGS = 4.5 V
td(on)
tf
tr
0.7
0.8
0.9
1.3
0
3
0
QG, TOTAL GATE CHARGE (nC)
5
4
1
ID = 2.6 A
TJ = 25°C
3
QT
2
1
2
10
0
20
15
5
25
200
350
0.6
0.7
0.8
0.9
1.0
TJ = -40°C
TJ = 125°C
TJ = 150°C
1.0
1.1
1.2
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com