Electronic Components Datasheet Search
  English  ▼

X  

APA4863 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration APA4863 Datasheet HTML 10Page - Anpec Electronics Coropration APA4863 Datasheet HTML 11Page - Anpec Electronics Coropration APA4863 Datasheet HTML 12Page - Anpec Electronics Coropration APA4863 Datasheet HTML 13Page - Anpec Electronics Coropration APA4863 Datasheet HTML 14Page - Anpec Electronics Coropration APA4863 Datasheet HTML 15Page - Anpec Electronics Coropration APA4863 Datasheet HTML 16Page - Anpec Electronics Coropration APA4863 Datasheet HTML 17Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2009
APA4863
www.anpec.com.tw
13
Package Information
TSSOP-20P
Note : 1. Follow JEDEC MO-153 ACT.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per side.
VIEW A
SEATING PLANE
GAUGE PLANE
SEE VIEW A
b
c
e
L
EXPOSE
D PAD
D
D1
S
Y
M
B
O
L
MIN.
MAX.
1.20
0.05
0.09
0.20
6.40
6.60
0.15
A
A1
c
D
E
e
L
MILLIMETERS
b
0.19
0.30
0.65 BSC
TSSOP-20P
0.45
0.75
0.026 BSC
MIN.
MAX.
INCHES
0.047
0.002
0.007
0.012
0.004
0.008
0.252
0.260
0.169
0.177
0.018
0.030
0
0.006
A2
0.80
1.05
4.30
4.50
E1
0.031
0.041
3.00
D1
0.118
E2
2.50
0.098
4.50
3.50
0.177
0.138
INCHES
8o
0o
8o
0o
6.20
6.40
0.244
0.260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com