Electronic Components Datasheet Search
  English  ▼

X  

APA4863 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA4863
Description  Stereo 2.2W Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA4863 Datasheet HTML 1Page - Anpec Electronics Coropration APA4863 Datasheet HTML 2Page - Anpec Electronics Coropration APA4863 Datasheet HTML 3Page - Anpec Electronics Coropration APA4863 Datasheet HTML 4Page - Anpec Electronics Coropration APA4863 Datasheet HTML 5Page - Anpec Electronics Coropration APA4863 Datasheet HTML 6Page - Anpec Electronics Coropration APA4863 Datasheet HTML 7Page - Anpec Electronics Coropration APA4863 Datasheet HTML 8Page - Anpec Electronics Coropration APA4863 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2009
APA4863
www.anpec.com.tw
2
(Over operating free-air temperature range unless otherwise noted.)
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Pin Configuration
SOP-16
(Top View)
TSSOP-20
(Top View)
TSSOP-20P
(Top View)
TSSOP-20P
(Bottom View)
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
+ OUT A
SHUTDOWN
GND
V
DD
- IN A
- OUT A
GND
+ IN A
HP-IN
GND
V
DD
- IN B
- OUT B
BYPASS
+ IN B
+ OUT B
1
2
3
4
5
6
7
8
12
11
16
15
14
13
+ OUT A
SHUTDOWN
GND
V
DD
- IN A
- OUT A
GND
+ IN A
HP-IN
GND
V
DD
- IN B
- OUT B
BYPASS
+ IN B
+ OUT B
9
10
20
19
18
17
NC
NC
NC
NC
1
2
3
4
5
6
7
8
12
11
16
15
14
13
+ OUT A
SHUTDOWN
GND
V
DD
- IN A
- OUT A
GND
+ IN A
HP-IN
GND
V
DD
- IN B
- OUT B
BYPASS
+ IN B
+ OUT B
9
10
20
19
18
17
GND
GND
GND
GND
Thermal
Pad
Range
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3
5
5.5
V
VDD=5V, 250mW/Ch average power
4-
Ω stereo BTL drive, with proper
PCB design
-20
-
85
TA
Operating Free-Air Temperature
VDD=5V, 1.8 W/Ch average power
4-
Ω stereo BTL drive, with proper
PCB design and 300 CFM forced-air
cooling
-20
-
85
°C
VDD=5 V
1.25
-
4.5
VICM
Common Mode Input Voltage
VDD=3.3V
1.25
-
2.7
V
Recommended Operating Conditions
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com