Electronic Components Datasheet Search
  English  ▼

X  

APL3208C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3208C
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3208C Datasheet HTML 7Page - Anpec Electronics Coropration APL3208C Datasheet HTML 8Page - Anpec Electronics Coropration APL3208C Datasheet HTML 9Page - Anpec Electronics Coropration APL3208C Datasheet HTML 10Page - Anpec Electronics Coropration APL3208C Datasheet HTML 11Page - Anpec Electronics Coropration APL3208C Datasheet HTML 12Page - Anpec Electronics Coropration APL3208C Datasheet HTML 13Page - Anpec Electronics Coropration APL3208C Datasheet HTML 14Page - Anpec Electronics Coropration APL3208C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
11
Application Information
R
BAT Selection
Connect the VBAT pin to the positive terminal of battery
through a resistor R
BAT for battery OVP function. The RBAT
limits the current flowing from VBAT to battery in case of
VBAT pin is shortened to ACIN pin under a failure mode.
The recommended value of R
BAT is 200kΩ. In the worse
case of an IC failure, the current flowing from the VBAT
pin to the battery is:
(30V-3V)/ 200k
Ω =135µA
where the 30V is the maximum ACIN voltage and the 3V
is the minimum battery voltage. The current is so small
and can be absorbed by the charger system.
Capacitor Selection
The input capacitor is for decoupling and prevents the
input voltage from overshooting to dangerous levels. In
the AC adapter hot plug-in applications or load current
step-down transient, the input voltage has a transient
spike due to the parasitic inductance of the input cable. A
50V, X7R, dielectric ceramic capacitor with a value be-
tween 1
µF and 4.7µF placed close to the ACIN pin is
recommended.
The output capacitor of CHG_DET is for CHG_DET volt-
age decoupling. And also can be as the input capacitor of
the charging circuit. At least, a 1
µF, 10V, X7R capacitor is
recommended.
Layout Consideration
In some failure modes, a high voltage may be applied to
the device. Make sure the clearance constraint of the PCB
layout must satisfy the design rule for high voltage. The
exposed pad of the TDFN2x2-8 performs the function of
channeling heat away. It is recommended that connect
the exposed pad to a large copper ground plane on the
backside of the circuit board through several thermal vias
to improve heat dissipation. The input and output capaci-
tors should be placed close to the IC. The high current
traces like input trace and output trace must be wide and
short.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com