Electronic Components Datasheet Search
  English  ▼

X  

APL3208C Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3208C
Description  Li Charger Protection IC with Integrated P-MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208C Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3208C Datasheet HTML 1Page - Anpec Electronics Coropration APL3208C Datasheet HTML 2Page - Anpec Electronics Coropration APL3208C Datasheet HTML 3Page - Anpec Electronics Coropration APL3208C Datasheet HTML 4Page - Anpec Electronics Coropration APL3208C Datasheet HTML 5Page - Anpec Electronics Coropration APL3208C Datasheet HTML 6Page - Anpec Electronics Coropration APL3208C Datasheet HTML 7Page - Anpec Electronics Coropration APL3208C Datasheet HTML 8Page - Anpec Electronics Coropration APL3208C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VACIN
ACIN Input Voltage (ACIN to GND)
-0.3 ~ 30
V
VCHG_DET
CHG_DET to GND Voltage
-0.3 ~ 7
V
VCHG_SW
CHG_SW to GND Voltage
-0.3 ~ VCHG_DET
V
VBAT
VBAT to GND Voltage
-0.3 ~ 7
V
VOUT
OUT to GND Voltage
-0.3 ~ 7
V
IOUT
OUT Output Current
1.5
A
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TDFN2x2-8
TSOT-23-6A
80
235
oC/W
Thermal Characteristics
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of TDFN2x2-8 is soldered directly on the PCB.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APL3208A
APL3208B
APL3208C
Handling Code
Temperature Range
Package Code
X - Date Code
Assembly Material
APL3208A
QB:
L08A
X
X - Date Code
APL3208B
QB:
L08B
X
X - Date Code
APL3208C
QB:
L08C
X
Package Code
QB : TDFN2x2-8
CT : TSOT-23-6A
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
X - Date Code
APL3208A
CT:
L8AX
X - Date Code
APL3208B
CT:
L8BX
X - Date Code
APL3208C
CT:
L8CX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com