Electronic Components Datasheet Search
  English  ▼

X  

APL5317 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5317
Description  Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5317 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5317 Datasheet HTML 9Page - Anpec Electronics Coropration APL5317 Datasheet HTML 10Page - Anpec Electronics Coropration APL5317 Datasheet HTML 11Page - Anpec Electronics Coropration APL5317 Datasheet HTML 12Page - Anpec Electronics Coropration APL5317 Datasheet HTML 13Page - Anpec Electronics Coropration APL5317 Datasheet HTML 14Page - Anpec Electronics Coropration APL5317 Datasheet HTML 15Page - Anpec Electronics Coropration APL5317 Datasheet HTML 16Page - Anpec Electronics Coropration APL5317 Datasheet HTML 17Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Mar., 2009
APL5317
www.anpec.com.tw
13
Package Information
SOT-23-5
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23-5
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
b
c
e1
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.016
Note : 1. Follow JEDEC TO-178 AA.
2. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com