Electronic Components Datasheet Search
  English  ▼

X  

APL5317 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5317
Description  Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5317 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5317 Datasheet HTML 2Page - Anpec Electronics Coropration APL5317 Datasheet HTML 3Page - Anpec Electronics Coropration APL5317 Datasheet HTML 4Page - Anpec Electronics Coropration APL5317 Datasheet HTML 5Page - Anpec Electronics Coropration APL5317 Datasheet HTML 6Page - Anpec Electronics Coropration APL5317 Datasheet HTML 7Page - Anpec Electronics Coropration APL5317 Datasheet HTML 8Page - Anpec Electronics Coropration APL5317 Datasheet HTML 9Page - Anpec Electronics Coropration APL5317 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Mar., 2009
APL5317
www.anpec.com.tw
6
Operating Waveforms
Load Transient
Line Transient
CH1 : V
OUT, 50mV/div, AC
CH2 : I
OUT, 100mA/div, DC
Time : 100
µs/div
CH1 : V
IN, 1V/div, DC
CH2 : V
OUT, 20mV/div, AC
Time : 100
µs/div
Enable
Shutdown
CH1 : V
OUT, 500mV/div
CH2 : V
SHDN, 5V/div
CH3 : I
OUT, 200mA/div
Time : 50
µs/div
CH1 : V
OUT, 500mV/Div
CH2 : V
SHDN, 5V/Div
CH3 : I
OUT, 200mA/Div DC
Time : 10
µs/Div
V
OUT
I
OUT
V
IN=3.3V, CIN=1µF, COUT=2.2µF, TR=1µs
C
IN=1µF, COUT=2.2µF, TR=10µs, IOUT=10mA
V
IN
V
OUT
V
OUT
V
SHDN
I
OUT
V
OUT
V
SHDN
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com