Electronic Components Datasheet Search
  English  ▼

X  

APL5930KAI Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5930KAI
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5930KAI Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 9Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 10Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 11Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 12Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
9
Block Diagram
Typical Application Circuit
Thermal
Shutdown
GND
VOUT
VIN
EN
VCNTL
POK
90%
V
REF
FB
Delay
0.8V
Control Logic
and
Soft-Start
VCNTL
5
µA
Enable
POR
POR
Error Amplifier
Power-
On-Reset
(POR)
Current-Limit
and
Short Current-
Limit
V
REF
0.8V
V
OUT
+1.2V / 3A
C
CNTL
1
µF
V
IN
+1.8V
GND
VOUT
VCNTL
POK
VIN
C
IN
10
µF
C
OUT
10
µF
EN
Enable
EN
POK
R3
5.1k
Ω
5
3,4
8
7
APL5930
R1
12k
Ω
C1
Optional
FB
2
R2
24k
Ω
(X5R/X7R Recommended)
(X5R/X7R Recommended)
10
µF: GRM31MR60J106KE19 Murata
V
CNTL
(+5V is preferred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com