Electronic Components Datasheet Search
  English  ▼

X  

APW7143 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7143
Description  3A, 12V, Asynchronous Buck Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7143 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7143 Datasheet HTML 9Page - Anpec Electronics Coropration APW7143 Datasheet HTML 10Page - Anpec Electronics Coropration APW7143 Datasheet HTML 11Page - Anpec Electronics Coropration APW7143 Datasheet HTML 12Page - Anpec Electronics Coropration APW7143 Datasheet HTML 13Page - Anpec Electronics Coropration APW7143 Datasheet HTML 14Page - Anpec Electronics Coropration APW7143 Datasheet HTML 15Page - Anpec Electronics Coropration APW7143 Datasheet HTML 16Page - Anpec Electronics Coropration APW7143 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2008
APW7143
www.anpec.com.tw
13
Application Information
(V)
)
R2
R1
(1
0.8
VOUT
+
⋅
=
Suggested R2 is in the range from 1K to 20k
Ω. For
portable applications, a 10k
Ω resistor is suggested for
R2. To prevent stray pickup, locate resistors R1 and R2
close to APW7143.
Input Capacitor Selection
Each time, when the P-channel power MOSFET (Q1) turns
on, small ceramic capacitors for high frequency decoupling
and bulk capacitors are required to supply the surge current.
The small ceramic capacitors have to be placed physi-
cally close to the VIN and between the VIN and the anode
of the Schottky diode (D1).
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and
current ratings above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25 times greater than
the maximum input voltage and a voltage rating of 1.5
times is a conservative guideline. The RMS current (I
RMS)
of the bulk input capacitor is calculated as the following
equation:
(A)
D)
-
(1
D
I
I
OUT
RMS
⋅
⋅
=
where D is the duty cycle of the power MOSFET.
For a through hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid
tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current
rating.
V
IN
V
OUT
C
IN
C
OUT
L
Q1
LX
ESR
I
L
I
OUT
I
Q1
I
COUT
D1
VIN
Figure 1 Converter Waveforms
I
OUT
V
LX
T=1/F
OSC
I
L
I
Q1
I
COUT
I
OUT
I
I
DT
V
OUT
V
OUT
Output Capacitor Selection
An output capacitor is required to filter the output and
supply the load transient current. The filtering requirements
are the functions of the switching frequency and the ripple
current (
∆I). The output ripple is the sum of the voltages,
having phase shift, across the ESR and the ideal out-
put capacitor. The peak-to-peak voltage of the ESR is
calculated as the following equations:
D
IN
D
OUT
V
V
V
V
D
+
+
=
........... (1)
........... (2)
........... (3)
L
·
F
D)
-
(1
·
V
I
OSC
OUT
=
∆
(V)
ESR
·
I
V
ESR
∆
=
where V
D is the forward voltage drop of the diode.
The peak-to-peak voltage of the ideal output capacitor is
calculated as the following equation:
Setting Output Voltage
The regulated output voltage is determined by:
(V)
C
F
8
I
V
OUT
OSC
COUT
⋅
⋅
∆
=
∆
........... (4)
For the applications, using bulk capacitors, the
∆V
COUT
is much smaller than the V
ESR an d c an b e i g n o r e d .
Therefore, the AC peak-to-peak output voltage (
∆V
OUT ) is
shown below:
(V)
ESR
I
VOUT
⋅
∆
=
∆
........... (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com